Part Number Hot Search : 
A339N CA5130A HT1045 N54LS 1N4892A BH6513 1N591 088R7FKE
Product Description
Full Text Search
 

To Download BAT54CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface Mount Schottky Barrier Diode FEATURES
Low forward voltage drop. Fast switching.
Production specification
BAT54W/AW/CW/SW
Pb
Lead-free BAT54W BAT54AW
Ultra-small surface mount package. PN Junction guard ring for transient and ESD protection.
BAT54CW
BAT54SW
APPLICATIONS
For general purpose switching applications. SOT-323
ORDERING INFORMATION
Type No. BAT54W BAT54AW BAT54CW BAT54SW Marking KL5 KL6 KL7 KL8 Package Code SOT-323 SOT-323 SOT-323 SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Repetitive Peak reverse voltage Working peak reverse voltage DC reverse voltage Forward continuous Current Forward Surge Current Power Dissipation Junction temperature Storage temperature range @t<1.0s Symbol VRRM VRWM VR IF IFSM Pd Tj Tstg Limits 30 200 600 200 125 -65-+125 Unit V mA mA mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKF019 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
Parameter Reverse breakdown voltage Reverse voltage leakage current Symbol V(BR)R IR Test conditions
Production specification
BAT54W/AW/CW/SW
MIN 30 2.0 240 320 400 500 1000 10 5 MAX UNIT V A
IR= 100A VR=25V IF=0.1mA IF=1mA IF=10mA IF=30mA IF=100mA VR=1V f=1MHz
Forward voltage
VF
mV
Diode capacitance Reverse recovery time
CD trr
pF ns
IF=IR=10mA RL=100
PACKAGE OUTLINE
Plastic surface mounted package SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device BAT54W/AW/CW/SW Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSKF019 Rev.A
www.galaxycn.com 2


▲Up To Search▲   

 
Price & Availability of BAT54CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X